Part Number Hot Search : 
CS48C TC429CPA TO521 FDMS8 BZG03C6X CEU2303 770212 SBP1545
Product Description
Full Text Search
 

To Download 3-1415001-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 03-2016, rev. 0316 www.te.com ? 2016 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog, product data, defnitions section, application notes and all specifcations are subject to change. pin assignment similar to iso 7588 part 1 customized versions on request C 24vdc versions with contact gap >0.8mm C integrated components (e.g. resistor, diode) C customized marking/color C special covers (e.g. notches, release features, brackets) typical applications cross carline up to 70a for example: abs control, cooling fan, energy management, engine control, glow plug, heated front screen, ignition, lamps: front, rear, fog light, main switch/supply relay. contact data contact arrangement 1 form a, 1 form a, 1 form a, 1 no 1 no 1 no contact gap C C >0.8mm rated voltage 12vdc 24vdc 24vdc 1) limiting continuous current 23c 70a 70a 70a 85c 50a 50a 50a 125c 30a 30a 30a limiting making current 2) 240a 240a 240a limiting breaking current 70a 25a 40a limiting short-time current overload current, iso 8820-3 3) 1.35 x 50a, 1800s 2.00 x 50a, 5s 3.50 x 50a, 0.5s 6.00 x 50a, 0.2s jump start test, iso 16750-1 24vdc for 5min, conducting nominal current at 23c contact material silver based min. recommended contact load 4) 1a at 5vdc initial voltage drop, form a (no) contact at 10a, typ./max. 10/300mv frequency of operation at nominal load 6 ops./min (0.1hz) operate/release time typ. 7/2ms 5) electrical endurance resistive load at 14vdc >1x10 5 ops. C C 70a >2x10 5 ops. C C 50a resistive load at 28vdc C >1x10 5 ops. >1x10 5 ops. 25a 40a power relay f7 automotive relays plug-in maxi iso relays f134j_a_bw contact data (continued) mechanical endurance >1x10 7 ops. 1) special high performance 24vdc version with contact gap >0.8mm. 2) the values apply to a resistive or inductive load with suitable spark suppression and at maximum 14vdc for 12vdc or 28vdc for 24vdc load voltages. for a load current duration of maximum 3s for a make/break ratio of 1:10. 3) current and time are compatible with circuit protection by a typical automotive fuse. relay will make, carry and break the specifed current. 4) see chapter diagnostics of relays in our application notes or consult the internet at http://relays.te.com/appnotes/ 5) for unsuppressed relay coil. a low resistive suppression device in parallel to the relay coil increases the release time and reduces the lifetime caused by increased erosion and/or higher risk of contact tack welding. coil data rated coil voltage 12vdc, 24vdc coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance 6) power 6) vdc vdc vdc ?10% w 052 12 7.2 1.6 90 1.6 053 24 14.4 3.2 324 1.8 056 24 16.0 4.0 268 2.1 065 24 14.4 2.4 288 2.0 165 24 14.4 2.4 288 2.0 6) without components in parallel. all fgures are given for coil without pre-energization, at ambient temperature +23c. does not take into account the temperature rise due to the contact current e = pre-energization tevf4_ovr1 does not take into account the temperature rise due to the contact current e = pre-energization. coil operating range ecr0629-n load limit curve: safe shutdown, no stationary arc/make contact. load limit curve measured with low inductive resistors verifed for 1000 switching events. max. dc load breaking capacity
2 03-2016, rev. 0316 www.te.com ? 2016 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog product data, defnitions section, application notes and all specifcations are subject to change. automotive relays plug-in maxi iso relays power relay f7 (continued) insulation data initial dielectric strength between open contacts 500v rms between contact and coil 500v rms between adjacent contacts 500v rms load dump test iso 7637-1 (12vdc), test pulse 5 v s =+86.5vdc iso 7637-2 (24vdc), test pulse 5 v s =+200vdc other data eu rohs/elv compliance compliant protection to heat and fre according ul-94 hb or better 7) ambient temperature -40 to 125c climatic cycling with condensation en iso 6988 6 cycles, storage 8/16h temperature cycling, iec 60068-2-14, nb 10 cycles, -40/+85c (5c/min) damp heat cyclic, iec 60068-2-30, db, variant 1 6 cycles, upper air temp. 55c damp heat constant, iec 60068-2-3, ca 56 days category of environmental protection, iec 61810 rti C dustproof, rt iii C sealed degree of protection, iec 60529 ip54 (dustproof), ip67 (sealed) corrosive gas iec 60068-2-42 102cm 3 /m 3 so 2 , 10 days iec 60068-2-43 10.3cm 3 /m 3 h 2 s, 10 days vibration resistance (functional) iec 60068-2-6 (sine sweep) 10 to 500hz, min. 5g 8) other data (continued) shock resistance (functional) iec 60068-2-27 (half sine) 6ms, min. 30g. 8) drop test, free fall iec 60068-2-32 1m onto concrete terminal type plug-in, qc/ pcb cover retention axial force 150n pull force 150n push force 150n terminal retention pull force 100n push force 100n resistance to bending 10n 9) force applied to side 10n 9) torque 0.3nm weight approx. 38g (1.3oz) resistance to soldering heat tht iec 60068-2-20 260c, 10s packaging unit plug-in: 210 pcs. plug-in with bracket: 208 pcs. pcb 315 pcs. 7) refers to used materials. 8) no change in the switching state >1s. valid for nc contacts, no contact values signifcantly higher. 9) values apply 2mm from the end of the terminal. when the force is removed, the terminal must not have moved by more than 0.3mm. accessories for details see datasheet connectors for maxi iso relays no 1 form a, no 87 30 86 85 nor 1 form a, no with resistor 87 30 86 85 nod 1 form a, no with diode 87 30 86 85 terminal assignment quick connect terminal similar to iso 8092- 1 24.9 0.3 16 0.5 6 0.4 15 0.1 4 0.2 17 +1/-0.5 11 0.5 0.8 0.05 ? 1.7 +0. 2 1.2 0.05 9.5 0.1 6.3 0.1 25.9 0.3 25.9 0.3 5.3 0.1 te1098-y1 0.3 4x measurement reference plane dimensions power relay f7 with quick connect terminals similar to iso 8092-1 view of the terminals (bottom view) te1 103-41 1
3 03-2016, rev. 0316 www.te.com ? 2016 tyco electronics corporation, a te connectivity ltd. company. catalog and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. catalog and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions catalog, product data, defnitions section, application notes and all specifcations are subject to change. automotive relays plug-in maxi iso relays power relay f7 (continued) product code structure typical product code v23134 -j 0 052 -d642 type v23134 power relay f contact arrangement j 1 form a, 1 no cover 0 standard 1 bracket at terminal 30 iso 2 bracket near terminal 86 iso coil 052 12vdc 053 24vdc 056 24vdc (contact gap >0.8mm) 065 24vdc (contact gap >0.8mm) 165 24vdc (contact gap >0.8mm) terminal/arrangement d642 plug-in/no xnnn customized (nnn: version number) production in europe (only) product code arrangement cover coil suppr. circuit 1) coil contact mat. terminals part number v23134-j0052-d642 1 form a, 1 no standard no 12vdc silver based plug-in, qc 7-1393303-3 v23134-j0052-x429 resistor 680? nor 1-1414147-0 v23134-j0052-x439 diode (cathode 86) nod 1-1414286-0 v23134-j0052-x455 resistor 470? nor pcb 1-1414610-0 v23134-j0052-x511 no 3-1415001-2 v23134-j0052-x461 3) resistor 560? nor plug-in, qc 1-1414469-0 v23134-j0053-d642 no 24vdc 9-1393303-7 v23134-j0065-x497 4) pcb 3-1414937-3 v23134-j0165-x537 2)3) resistor 1200 nor plug-in, qc 3-1904117-4 v23134-j1052-d642 bracket no 12vdc 0-1393304-9 v23134-j1052-x281 resistor 560? nor 1-1393304-0 v23134-j1053-d642 no 24vdc 1-1393304-1 v23134-j2165-x538 2)3) resistor 1200 nor 3-1904117-5 1) see terminal assignment diagrams. 3) special feature: 14.5mm load terminals. 2) special feature: contact gap >0.8mm. 4) packed in tray with 300 pcs. per unit. other types on request. this list represents the most common types and does not show all variants covered by this datasheet. 26.2 max. 3.0 1.5 25.2 max. 26.2 max. 3.8 tin plated 2.7 86 87 30 85 te2104-h 1 26.2 max. 3.0 1.5 25.2 max. 26.2 max. 3.8 tin plated 2.7 86 87 30 85 te2104-h 1 view of the terminals (bottom view) mounting hole layout (bottom view) 17.9 8.4 2x ? 1.9 3 17.0 3.8 8.5 3.8 6x ? 2.18 3.8 3.8 te2105-q2 dimensions (continued) power relay f7 with pcb terminals production in asia (only) product code arrangement cover coil suppr. circuit 1) coil contact mat. terminals part number v23134-j0052-d642 1 form a, 1 no standard no 12vdc silver based plug-in, qc 7-1904094-7 v23134-j0052-x429 resistor 680? nor 7-1904094-8 v23134-j0052-x439 diode (cathode 86) nod 7-1904094-9 v23134-j0052-x461 3) resistor 560? nor 8-1904094-0 v23134-j0053-d642 no 24vdc 8-1904094-3 1) see terminal assignment diagrams. 3) special feature: 14.5mm load terminals. 2) special feature: contact gap >0.8mm. other types on request. this list represents the most common types and does not show all variants covered by this datasheet.


▲Up To Search▲   

 
Price & Availability of 3-1415001-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X